PART |
Description |
Maker |
74VHC74MTC 74VHC74N 74VHC74SJ 74VHC74 74VHC74MTCX |
Dual D-Type Flip-Flop 双D型触发器 Supervisor Push-Pull Active High, -40C to 85C, 3-SOT-23, T/R Dual D-Type Flip-Flop with Preset and Clear
|
Fairchild Semiconductor, Corp.
|
HD74LS107A HD74LS107AFP HD74LS107AP HD74LS107ARP |
Dual J-K Flip-Flops with Clear Dual J-K Negative-edge-triggered Flip-Flops(with Clear) FLIP-FLOP|DUAL|J/K TYPE|LS-TTL|SOP|14PIN|PLASTIC FLIP-FLOP|DUAL|J/K TYPE|LS-TTL|DIP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
HD74HC73 HD74HC73FP HD74HC73P |
FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|DIP|14PIN|PLASTIC Dual J-K Flip-Flops (with Clear) FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|SOP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
74AUP2G80GN 74AUP2G80GD |
Low-power dual D-type flip-flop; positive-edge trigger AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, INVERTED OUTPUT, PDSO8 Low-power dual D-type flip-flop; positive-edge trigger 低功耗双D型触发器;上升沿触
|
NXP Semiconductors N.V.
|
MC10H131FNG MC10H131FN MC10H13106 MC10H135FNG MC10 |
Dual D Type Master?Slave Flip?Flop Dual D Type Master−Slave Flip−Flop Dual J?K Master?Slave Flip?Flop Universal Hexadecimal Counter Four?Bit Universal Shift Register Quad 2?Input Multiplexer (Non?Inverting) 12?Bit Parity Generator?Checker Binary to 1?8 Decoder (Low) Binary to 1?8 Decoder (High) 8?Line Multiplexer 8?Input Priority Encoder 5?Bit Magnitude Comparator Dual Binary to 1?4?Decoder (High)
|
ONSEMI[ON Semiconductor]
|
NC7SZ175P6 NC7SZ175P6X NC7SZ175 NC7SZ175L6X |
TinyLogic UHS D-Type Flip-Flop LVC/LCX/Z SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, DSO6 TinyLogic UHS D-Type Flip-Flop TinyLogic UHS D-Type Flip-Flop
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
CD40174BMS FN3359 |
CMOS Hex ‘D?Type Flip-Flop CMOS Hex ‘D’-Type Flip-Flop From old datasheet system CMOS Hex ??Type Flip-Flop CMOS Hex D-Type Flip-Flop D-Type Flip Flop, Hex, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
74LCX162374 74LCX162374GX 74LCX162374MEA 74LCX1623 |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26з Series Resistors LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Series Resistors From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC40H074P TC40H074F |
Dual D-Type Flip-Flop
|
Toshiba
|
74ABT74PWDH 74ABT74 74ABT74D 74ABT74DB 74ABT74N 74 |
Dual D-type flip-flop
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74HC74AN |
Dual D-Type Flip-Flop
|
Fairchild Semiconductor
|